PART |
Description |
Maker |
U1FWJ44L |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
SD1060YT SD1040YT SD1080YT SD10100YT SD1020YT SD10 |
SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes) (SD1020YT - SD10100YT) SCHOTTKY BARRIER RECTIFIER
|
Pan Jit International I... Panjit International Inc PANJIT[Pan Jit International Inc.]
|
U1GWJ44 |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA
|
U3FWJ44N |
SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE HIGH SPEED RECTIFIER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
CD214A-B40 CD214A-B40L CD214A-B220 CD214A-B30 CD21 |
Schottky Barrier Diodes 2A, VR=60V 2 A, 60 V, SILICON, RECTIFIER DIODE, DO-214AC Schottky Barrier Rectifier Chip Diode
|
Bourns, Inc. BOURNS[Bourns Electronic Solutions]
|
SB0203EJ |
Small Signal Schottky Barrier Diodes Schottky Barrier Diode 30V, 200mA Rectifier
|
Sanyo Semiconductor Sanyo Semicon Device
|
CUS01 |
Schottky Barrier Rectifier Schottky Barrier Type Portable Equipment Battery Application
|
TOSHIBA
|
SB1003EJ |
Small Signal Schottky Barrier Diodes SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
|
SANYO[Sanyo Semicon Device]
|
MBR1660CT MBR16100CT MBR1645CT MBR16150CT |
Schottky Barrier Rectifier Reverse Voltage 40 to 200 V Forward Current 16A Schottky Barrier Rectifier
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electronics C... Rugao Dachang Electroni...
|
CMSH3-20MA CMSH3-100MA CMSH3-40MA CMSH3-60MA |
SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS SMD Schottky Rectifier Single
|
Central Semiconductor Corp.
|
JKC5819 CD1A30 JHC5819 JHC6761 JKC6761 |
45 V, 1 Amp schottky barrier rectifier chip 1 AMP SCHOTTKY BARRIER RECTIFIER CHIPS 100 V, 1 Amp schottky barrier rectifier chip
|
Compensated Devices Incorporated
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|